|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET book, halfpage M3D088 BB200 Low-voltage variable capacitance double diode Product specification 2001 Oct 12 Philips Semiconductors Product specification Low-voltage variable capacitance double diode FEATURES * Very steep C/V curve * C1: 70 pF; C4.5: 13.4 pF * C1 to C5 ratio: min. 5 * Low series resistance * Small plastic SMD package. APPLICATIONS * Electronic tuning in FM-radio * Voltage Controlled Oscillators (VCO). DESCRIPTION The BB200 is a variable capacitance double diode with a common cathode, fabricated in silicon planar technology and encapsulated in the SOT23 small plastic SMD package. MARKING TYPE NUMBER BB200 MARKING CODE SBp 1 handbook, halfpage BB200 PINNING PIN 1 2 3 anode (a1) anode (a2) common cathode DESCRIPTION 3 3 2 1 2 MAM169 Fig.1 Simplified outline (SOT23) and symbol. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Per diode VR IF Tstg Tj continuous reverse voltage continuous forward current storage temperature range operating junction temperature - - -55 -55 18 50 +150 +85 V mA C C PARAMETER MIN. MAX. UNIT CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL Per diode IR rs Cd C d ( 1V ) ---------------C d ( 5V ) reverse current diode series resistance diode capacitance capacitance ratio VR = 10 V f = 100 MHz; VR = 1.5 V VR = 1 V; f = 1 MHz VR = 4.5 V; f = 1 MHz f = 1 MHz - - 65.8 12 5 - 0.43 70 13.4 - 50 0.6 74.2 14.8 - nA pF pF PARAMETER CONDITIONS MIN. TYP. MAX. UNIT 2001 Oct 12 2 Philips Semiconductors Product specification Low-voltage variable capacitance double diode GRAPHICAL DATA BB200 handbook, full pagewidth 100 MGU474 Cd (pF) 80 60 40 20 0 10-1 1 10 VR (V) 102 Fig.2 Diode capacitance as a function of reverse voltage; typical values. 103 handbook, halfpage IR (nA) MGU475 10-3 handbook, halfpage TCd (K-1) MGU476 102 10-4 10 1 0 20 40 60 80 Tj (C) 100 10-5 10-1 1 10 VR (V) 102 Fig.4 Fig.3 Reverse current as a function of junction temperature; maximum values. Temperature coefficient of diode capacitance as a function of reverse voltage; typical values. 2001 Oct 12 3 Philips Semiconductors Product specification Low-voltage variable capacitance double diode PACKAGE OUTLINE Plastic surface mounted package; 3 leads BB200 SOT23 D B E A X HE vMA 3 Q A A1 1 e1 e bp 2 wMB detail X Lp c 0 1 scale 2 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1 OUTLINE VERSION SOT23 REFERENCES IEC JEDEC TO-236AB EIAJ EUROPEAN PROJECTION ISSUE DATE 97-02-28 99-09-13 2001 Oct 12 4 Philips Semiconductors Product specification Low-voltage variable capacitance double diode DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS BB200 This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A. Preliminary data Qualification Product data Production Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. 2001 Oct 12 5 Philips Semiconductors Product specification Low-voltage variable capacitance double diode NOTES BB200 2001 Oct 12 6 Philips Semiconductors Product specification Low-voltage variable capacitance double diode NOTES BB200 2001 Oct 12 7 Philips Semiconductors - a worldwide company Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com. (c) Koninklijke Philips Electronics N.V. 2001 SCA73 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 613514/01/pp8 Date of release: 2001 Oct 12 Document order number: 9397 750 08683 |
Price & Availability of BB200 |